Part Number Hot Search : 
HC4P55 89C51 N4962 7812CT 2405S QFN52 A211EHI 2KBP02
Product Description
Full Text Search
 

To Download C11213D00400007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  m12 - connectors c 112 series amphenol amphenol-tuchel electronics gmbh
2 amphenols m12 family of connectors features the c112 series. they are characterized by compact size, functional design, reliable sealing, durable construction and electrically stable. the connector protects the cable and its components from loosening due to harsh vibration while operating in tough industrial environments. electrically sensitive applications requiring emi shielding are protected with a design that enables attenuation values in the range of a double shielded cable. this design feature incorporates a 360 shielding system from the cable to the appliance housing. the connectors in the c112 family use a 12 mm thread. these connectors are top choice in automation and sensor technology. power circuit re quirements up to four amps can also be satisfied by this connector design. system description the company amphenol-tuchel electronics is a worldwide leader in electrical connectors and contacting devices. our line of high quality, peak performance products are achieved through the implementation of modern manufacturing methods utilizing the latest technologies. local markets are served through an extensive global network of distributors and manufacturing sites. amphenol sets the standard of connector technology with an array of patent and innovations. our vast experience in aerospace, automotive, data transfer, military, and telecommunications enables us to provide solutions to your market challenges. we connect con
ntinents standards german emi regulations (emi-guideline: 89/336 ewg) are met when correctly assembled in the appliance. emi 3 connectors meet these standards: iec 61076-2-101, interfaces according to (iec 60947-5-2) and pr oximity switches ( vde 0660 part 208).
4 connectors should be used according to their rated performance values. these rated values are etablished under specific conditions to meet product specifications or other electrical qualifications. the c112 connectors are designed for use in a variety of electrical equipment and applications that control various appliances or link communications with sensor technology. the user is responsible to verify that the connector meets the application requirements of the product. all connector rating data in this catalog is based on the overvoltage of category iii and pollution degree of 2/3 for electrical devices. all specifications are met when the connectors are completely mated. the housings of the panel receptacle or plug must be reliably integrated into the protective means of the enclosure. reference: din vde 0100 part 410; 80384-4-41. during assembly, care must be given to ensure that all components are correctly mounted and screw terminations are tightened to the correct torque. customer assembled cable connectors must follow precise instructions to properly secure the strain r elief system. there is an integrated strain relief clamp or a standard pg cable entry. the standard pg cable entry requires a strain relief close to the r ear of the connector. cable selection should meet the same specifications as the connector (i.e., solvent resistance or fire protection). correct polarity must be observed when terminating wires. the wire insulation should be stripped to the proper length and wire diameter. application and use assembly te rmination
5 safety classification according to din vde 0627 1) a connections to and from a device / b connections within a device / c free cable connection d mated / e unmated the c112 connectors are designed and produced in conformance with the low voltage guidelines: 72/73 ewg and the law for safety of appliances. the connectors are designed and manufactured according to din vde 57-0627. design changes to meet quality improvements, product development or production requirements are reserved. all technical data is related to connectors operating under normal use and loads when fully mated. connectors should not be mated or unmated while under load. connector safety is dependent upon the correct selection of products, installation, and assembly. the listed technical data and re marks are intended to help the user select the correct products for the appropriate applications. remarks t ype feature safety connector protective protection rewireable classification 1) earth contact against 1) ab cf re e fixed with without d e yes no male cable con. x x x x x female cable with led, x x x x x x connector customer ass? female cable con. x x x x x x cordset xx xxx x female panel con. xxxxxx male panel con. x x x x x male panel con. customer ass? xxxxx distributors x x x x x x
6 content male cable connectors / female cable connectors, overmolded male cable connector, straight page 10 male cable connector, right angled page 10 female cable connector, straight page 11 female cable connector, right angled page 11 male cable connector, straight, shielded page 12 male cable connector, right angled, shielded page 12 female cable connector, straight, shielded page 13 female cable connector, right angled, shielded page 13 female cable connector, right angled, customer assembly page 14 male and female panel connectors male panel connector, front mounting page 27 female panel connector, front mounting page 27 male panel connector, rear mounting page 28 female panel connector, rear mounting page 28 male panel connector, rear mounting, pcb-mount type page 29 female panel connector, rear mounting, pcb-mount type page 29 male panel connector, installation version page 29 distributors y -distributor page 33 distribution box page 34 cordsets, overmolded male connector, straight / female connector, straight page 22 male connector, straight / female connector, right angled page 22 cordsets, shielded, overmolded male connector, straight / female connector, straight page 23 male connector, straight / female connector, right angled page 23 male cable connectors / female cable connectors, customer assembly male cable connector, straight and right angled page 16 female cable connector, straight and right angled page 16 male cable connector, straight, shielded page 17 female cable connector, straight, shielded page 17 female cable connector, shielded page 17
7 male / female cable connectors overmolded c112 series male cable connector, straight, unshielded anti-vibration coupling nut and overmolded cable ... page 10 male cable connector, straight, shielded anti-vibration coupling nut and overmolded cable ... page 12 male cable connector, right angled, unshielded anti-vibration coupling nut and overmolded cable ... page 10 male cable connector, right angled, shielded anti-vibration coupling nut and overmolded cable ... page 12 female cable connector, right angled, unshielded anti-vibration coupling nut and overmolded cable ... page 11 female cable connector, right angled, shielded anti-vibration coupling nut and overmolded cable ... page 13 female cable connector, straight, unshielded anti-vibration coupling nut and overmolded cable ... page 11 female cable connector, straight, shielded anti-vibration coupling nut and overmolded cable ... page 13 description m12 cables available with male or female connectors, straight or angled housings and cable jacket materials in pvc or pur. emi shielded m12 cables are available with male and female connectors, straight or angled housings and cable jacket materials in pvc or pur.
8 general characteristics standard standard version shielded customer assembly number of contacts 3 / 4 / 5 3) 3 / 4 / 5 3) 3 / 3+pe electrical characteristics contact resistance iec 60 512-2, test 2 a 10 m ? (without cable) 10 m ? current carrying capacity iec 60 512-3, test 5 b 4 a at t u = 4 0? without led 7 a at t u = 4 0? with led 3,5 a at t u = 4 0? rated voltage iec 60 664-1 2) 3+ 4 cont. 250 v ac / dc 60 v ac/dc without led 250 v ac / dc iec 60 664-1 2) 5 cont. 60 v ac / dc 60 v ac/dc with led 36 v dc rated impulse voltage iec 60 664-1 2) 3+ 4 cont. 2,5 kv 0,8 kv without led 2,5 kv iec 60 664-1 2) 5 cont. 1,5 kv 0,8 kv insulation resistance iec 60 512-2, test 3 a > 10 8 ? > 10 8 ? pollution degree iec 60 664-1 2) 3 1) 3 material group iec 60 664-1 2) iii te st voltage iec 60 664-1 2) 3 + 4 cont. 1,4 kv ac 0,5 kv ac 5 cont. 1,0 kv ac climatic characteristics climatic category iec 60 068-1 25 / 85 / 21 without led: 30 / 100 / 56 with led: 30 / 80 / 56 t emperature range iec 60 512-6, test 11 i + j 25c - + 85c without led: ? 0? - +100? ?3f - +185? 22f - +212f with led: 30c - + 80c ?2f - +176f materials contact insert tpu pa contact plating au ag overmolding tpu pa housing pa knurled screw / cuzn nickel plated pa knurled nut o-ring viton nbr mechanical characteristics protection class iec 60 529 ip 65 and ip 67 ip 65 when properly mated when properly mated mechanical operation iec 60 512-5, test 9 a 100 mating cycles 50 mating cycles insertion force iec 60 512-7, test 13 b 25 n 25 n w ithdrawal force iec 60 512-7, test 13 b 30 n 30 n other technical characteristics t ype of termination crimp (overmolded) screw clamps wi re size 0,34 mm 2 (awg 22) 0,14 - 0,5 mm 2 (awg 24-20) flammability ul 94 hb ul 94 v-0 locking screw coupling screw coupling 1 ) in mated position only 2 ) iec 60664-1 corresponds to din vde 0110 3 ) contact no. 5 is ?irst mate ?last break?and can be used for grounding purpose. when grounding the customer must mark the w ire. furthermore the user has to ensure that this connector is not mated with such connectors where contact no 5 is under voltage
9 cable construction pvc partly oil and chemical proof especially suited for dry areas color code conductors cable jacket mm material cable 01 brown, blue, black 3 x 0,34 mm 2 (awg 22) 5 pvc cable 02 brown, white, blue, 4 x 0,34 mm 2 (awg 22) 5 pvc black cable 03 brown, white, blue, 5 x 0,34 mm 2 (awg 22) 5 pvc black, grey cable 07 brown, blue, black 3 x 0,34 mm 2 (awg 22) 5 pvc shielded cable 08 brown, white, blue, 4 x 0,34 mm 2 (awg 22) 5 pvc shielded black cable 09 brown, white, blue, 5 x 0,34 mm 2 (awg 22) 5 pvc shielded black, grey cable construction pur ve ry good oil and chemical resistance especially suited for applications in the machine and installation area with rough environments, also in the food industry standard cable lengths: 2 m and 5 m. non-standard cable lengths upon request. minimum order quantities will apply. color code conductors cable jacket mm material cable 04 brown, blue, black 3 x 0,34 mm 2 (awg 22) 5 pur cable 05 brown, white, blue, 4 x 0,34 mm 2 (awg 22) 5 pur black cable 06 brown, white, blue, 5 x 0,34 mm 2 (awg 22) 5 pur black, grey cable 10 brown, blue, black 3 x 0,34 mm 2 (awg 22) 5 pur shielded cable 11 brown, white, blue, 4 x 0,34 mm 2 (awg 22) 5 pur shielded black cable 12 brown, white, blue, 5 x 0,34 mm 2 (awg 22) 5 pur shielded black, grey ordering example for different cable lengths c 112 10a 013 _ _ _ 10 2.0 m 020 5.0 m 050 10.0 m 100
10 3 contacts 4 contacts 5 contacts male cable connector, straight, unshielded with anti-vibration coupling nut and overmolded cable a-coded male cable connector, right angled, unshielded with anti-vibration coupling nut and overmolded cable a-coded other cable lengths, cables and codings upon request. other cable lengths, cables and codings upon request. 3 contacts 4 contacts 5 contacts first mate ?last break first mate ?last break contacts cable order no. jacket length 2 m c112 10a013 020 10 pvc 5 m c112 10a013 050 10 10 m c112 10a013 100 10 3 2 m c112 10a043 020 10 pur 5 m c112 10a043 050 10 10 m c112 10a043 100 10 2 m c112 10a024 020 10 pvc 5 m c112 10a024 050 10 10 m c112 10a024 100 10 4 2 m c112 10a054 020 10 pur 5 m c112 10a054 050 10 10 m c112 10a054 100 10 2 m c112 10a035 020 10 pvc 5 m c112 10a035 050 10 10 m c112 10a035 100 10 5 2 m c112 10a065 020 10 pur 5 m c112 10a065 050 10 10 m c112 10a065 100 10 contacts cable order no. jacket length 2 m c112 10b013 020 10 pvc 5 m c112 10b013 050 10 10 m c112 10b013 100 10 3 2 m c112 10b043 020 10 pur 5 m c112 10b043 050 10 10 m c112 10b043 100 10 2 m c112 10b024 020 10 pvc 5 m c112 10b024 050 10 10 m c112 10b024 100 10 4 2 m c112 10b054 020 10 pur 5 m c112 10b054 050 10 10 m c112 10b054 100 10 2 m c112 10b035 020 10 pvc 5 m c112 10b035 050 10 10 m c112 10b035 100 10 5 2 m c112 10b065 020 10 pur 5 m c112 10b065 050 10 10 m c112 10b065 100 10
11 3 contacts 4 contacts 5 contacts female cable connector, straight, unshielded with anti-vibration coupling nut and overmolded cable a-coded female cable connector, right angled, unshielded with anti-vibration coupling nut and overmolded cable a-coded 3 contacts 4 contacts 5 contacts other cable lengths, cables and codings upon request. other cable lengths, cables and codings upon request. contacts cable order no. jacket length 2 m c112 10c013 020 10 pvc 5 m c112 10c013 050 10 10 m c112 10c013 100 10 3 2 m c112 10c043 020 10 pur 5 m c112 10c043 050 10 10 m c112 10c043 100 10 2 m c112 10c024 020 10 pvc 5 m c112 10c024 050 10 10 m c112 10c024 100 10 4 2 m c112 10c054 020 10 pur 5 m c112 10c054 050 10 10 m c112 10c054 100 10 2 m c112 10c035 020 10 pvc 5 m c112 10c035 050 10 10 m c112 10c035 100 10 5 2 m c112 10c065 020 10 pur 5 m c112 10c065 050 10 10 m c112 10c065 100 10 contacts cable order no. jacket length 2 m c112 10d013 020 10 pvc 5 m c112 10d013 050 10 10 m c112 10d013 100 10 3 2 m c112 10d043 020 10 pur 5 m c112 10d043 050 10 10 m c112 10d043 100 10 2 m c112 10d024 020 10 pvc 5 m c112 10d024 050 10 10 m c112 10d024 100 10 4 2 m c112 10d054 020 10 pur 5 m c112 10d054 050 10 10 m c112 10d054 100 10 2 m c112 10d035 020 10 pvc 5 m c112 10d035 050 10 10 m c112 10d035 100 10 5 2 m c112 10d065 020 10 pur 5 m c112 10d065 050 10 10 m c112 10d065 100 10
12 male cable connector, straight, shielded with anti-vibration coupling nut and overmolded cable a-coded male cable connector, right angled, shielded with anti-vibration coupling nut and overmolded cable a-coded other cable lengths, cables and codings upon request. other cable lengths, cables and codings upon request. 3 contacts 4 contacts 5 contacts 3 contacts 4 contacts 5 contacts contacts cable order no. jacket length 2 m c112 11a073 020 10 pvc 5 m c112 11a073 050 10 10 m c112 11a073 100 10 3 2 m c112 11a103 020 10 pur 5 m c112 11a103 050 10 10 m c112 11a103 100 10 2 m c112 11a084 020 10 pvc 5 m c112 11a084 050 10 10 m c112 11a084 100 10 4 2 m c112 11a114 020 10 pur 5 m c112 11a114 050 10 10 m c112 11a114 100 10 2 m c112 11a095 020 10 pvc 5 m c112 11a095 050 10 10 m c112 11a095 100 10 5 2 m c112 11a125 020 10 pur 5 m c112 11a125 050 10 10 m c112 11a125 100 10 contacts cable order no. jacket length 2 m c112 11b073 020 10 pvc 5 m c112 11b073 050 10 10 m c112 11b073 100 10 3 2 m c112 11b103 020 10 pur 5 m c112 11b103 050 10 10 m c112 11b103 100 10 2 m c112 11b084 020 10 pvc 5 m c112 11b084 050 10 10 m c112 11b084 100 10 4 2 m c112 11b114 020 10 pur 5 m c112 11b114 050 10 10 m c112 11b114 100 10 2 m c112 11b095 020 10 pvc 5 m c112 11b095 050 10 10 m c112 11b095 100 10 5 2 m c112 11b125 020 10 pur 5 m c112 11b125 050 10 10 m c112 11b125 100 10 first mate ?last break first mate ?last break
13 3 contacts 4 contacts 5 contacts 3 contacts 4 contacts 5 contacts female cable connector, straight, shielded with anti-vibration coupling nut and overmolded cable a-coded female cable connector, right angled, shielded with anti-vibration coupling nut and overmolded cable a-coded other cable lengths, cables and codings upon request. other cable lengths, cables and codings upon request. contacts cable order no. jacket length 2 m c112 11c073 020 10 pvc 5 m c112 11c073 050 10 10 m c112 11c073 100 10 3 2 m c112 11c103 020 10 pur 5 m c112 11c103 050 10 10 m c112 11c103 100 10 2 m c112 11c084 020 10 pvc 5 m c112 11c084 050 10 10 m c112 11c084 100 10 4 2 m c112 11c114 020 10 pur 5 m c112 11c114 050 10 10 m c112 11c114 100 10 2 m c112 11c095 020 10 pvc 5 m c112 11c095 050 10 10 m c112 11c095 100 10 5 2 m c112 11c125 020 10 pur 5 m c112 11c125 050 10 10 m c112 11c125 100 10 contacts cable order no. jacket length 2 m c112 11d073 020 10 pvc 5 m c112 11d073 050 10 10 m c112 11d073 100 10 3 2 m c112 11d103 020 10 pur 5 m c112 11d103 050 10 10 m c112 11d103 100 10 2 m c112 11d084 020 10 pvc 5 m c112 11d084 050 10 10 m c112 11d084 100 10 4 2 m c112 11d114 020 10 pur 5 m c112 11d114 050 10 10 m c112 11d114 100 10 2 m c112 11d095 020 10 pvc 5 m c112 11d095 050 10 10 m c112 11d095 100 10 5 2 m c112 11d125 020 10 pur 5 m c112 11d125 050 10 10 m c112 11d125 100 10
14
15 male cable connectors / female cable connectors customer assembly c1 12 series description male and female cable connectors, straight and right angled for customer assembly. female cable connectors, right angled, for customer assembly, with electronic circuit. male cable connector, unshielded, straight and right angled, customer assembly... page 16 female cable connector, unshielded, straight and right angled, customer assembly... page 16 male cable connector and female cable connector, shielded customer assembly... page 17 female cable connector, right angled customer assembly... page 17
16 male cable connectors, unshielded metal locking nut for customer assembly, a-coded screw connection 4 ampere wire size 0,25 - 0,75 mm 2 cable diameter 4 - 6 mm female cable connectors, unshielded metal locking nut for customer assembly, a-coded screw connection 4 ampere wire size 0,25 - 0,75 mm 2 cable diameter 4 - 6 mm contacts v ol- design order no. tage 4 250 v straight c112 13a004 000 24 right angled c112 13b004 000 24 5 60 v straight c112 13a005 000 24 right angled c112 13b005 000 24 contacts v ol- design order no. tage 4 250 v straight c112 13c004 000 24 right angled c112 13d004 000 24 5 60 v straight c112 13c005 000 24 right angled c112 13d005 000 24
17 male cable connectors, shielded, straight for customer assembly, a-coded screw connection 4 ampere wire size 0,25-0,75 mm 2 cable diameter 4-6 mm circuit 1 circuit 2 circuit 3 circuit 4 circuit 6 circuit 7 circuit 8 contacts v ol- order no. tage 4 250 v c112 14a004 000 24 5 60 v c112 14a005 000 24 female cable connector, shielded, straight for customer assembly, a-coded screw connection 4 ampere wire size 0,25-0,75 mm 2 cable diameter 4-6 mm contacts v ol- order no. tage 4 250 v c112 14a004 000 24 5 60 v c112 14a005 000 24 con- led led circuit order no. tacts 1 2 31 c112 13d004 000 01 3+pe 2 c112 13d004 000 02 ? c112 13d004 000 03 yel. 4 c112 13d004 000 04 3 ? c112 13d004 000 05 yel. 6 c112 13d004 000 06 gre. 7 c112 13d004 000 07 ? c112 13d004 000 08 female cable connector, right angled customer assembly w iring scheme circuit 5
18
19 cordsets overmolded c 112 series description m12 cordset with male and female connector, straight or right angled and standard cable with pvc or pur insulation. other combinations on request. shielded emi protected m12 cordsets with male and female connector, straight or right angled, and standard cable with pvc or pur insulation. other combinations on request. cordset, unshielded male connector, straight/female connector, straight overmolded with anti-vibration coupling nut ... page 22 cordset, unshilded male connector, straight/female connector, right angled overmolded with anti-vibration coupling nut ... page 22 cordset, shielded male connector, straight/female connector, straight overmolded with anti-vibration coupling nut ... page 23 cordset, shielded male connector, straight/female connector, right angled overmolded with anti-vibration coupling nut ... page 23
20 general characteristics standard standard version shielded number of contacts 3 / 4 / 5 3) 3 / 4 / 5 3) electrical characteristics contact resistance iec 60 512-2, test 2 a 10 m ? (without cable) current carrying capacity iec 60 512-3, test 5 b 4 a at t u = 4 0? rated voltage iec 60 664-1 2) 3+ 4 cont. 250 v ac / dc 3 + 4 cont. 60 v ac/dc iec 60 664-1 2) 5 cont. 60 v ac / dc 5 cont. 60 v ac/dc rated impulse voltage iec 60 664-1 2) 3+ 4cont. 2,5 kv 3 + 4 cont. 0,8 kv iec 60 664-1 2) 5 cont. 1,5 kv 5 cont. 0,8 kv insulation resistance iec 60 512-2, test 3 a > 10 8 ? pollution degree iec 60 664-1 2) 3 1) material group iec 60 664-1 2) i te st voltage iec 60 644-1 2) 3 + 4 cont. 1,4 kv ac 0,5 kv ac 5 cont. 1,0 kv ac climatic characteristics climatic category iec 60 668-1 25 / 85 / 21 t emperature range iec 60 512-6, test 11 i + j 25c - + 85c ?3f - + 185f materials contact insert tpu contact plating au overmolding tpu housing knurled screw / cuzn nickel plated knurled nut o-ring viton mechanical characteristics protection class iec 60 529 ip 65 and ip 67 , when properly mated mechanical operation iec 60 512-5, test 9 a 1 00 mating cycles insertion force iec 60 512-7, test 13 b 25 n w ithdrawal force iec 60 512-7, test 13 b 30 n other technical characteristics t ype of termination crimp (overmolded) wi re size 0,34 mm 2 (awg 22) flammability ul 94 hb locking screw coupling 1 ) in mated position only 2 ) iec 60664-1 corresponds to din vde 0110 3 ) contact no. 5 is ?irst mate ?last break?and can be used for grounding purpose. when grounding the customer must mark the w ire. furthermore the user has to ensure that this connector is not mated with such connectors where contact no 5 is under voltage
21 cable construction pvc fair oil and chemical resistance especially suited for dry areas cable construction pur good oil and chemical resistance especially suited for applications in abrasive environments. standard cable length: 0.6 m, 1.0 m and 2.0 m. other cable lengths or cables upon request. ordering example for different cable lengths color code conductors cable jacket mm material cable 01 brown, blue, black 3 x 0,34 mm 2 (awg 22) 5 pvc cable 02 brown, white, blue, 4 x 0,34 mm 2 (awg 22) 5 pvc black cable 03 brown, white, blue, 5 x 0,34 mm 2 (awg 22) 5 pvc black, grey cable 07 brown, blue, black 3 x 0,34 mm 2 (awg 22) 5 pvc shielded cable 08 brown, white, blue, 4 x 0,34 mm 2 (awg 22) 5 pvc shielded black cable 09 brown, white, blue, 5 x 0,34 mm 2 (awg 22) 5 pvc shielded black, grey color code conductors cable jacket mm material cable 04 brown, blue, black 3 x 0,34 mm 2 (awg 22) 5 pur cable 05 brown, white, blue, 4 x 0,34 mm 2 (awg 22) 5 pur black cable 06 brown, white, blue, 5 x 0,34 mm 2 (awg 22) 5 pur black, grey cable 10 brown, blue, black 3 x 0,34 mm 2 (awg 22) 5 pur shielded cable 11 brown, white, blue, 4 x 0,34 mm 2 (awg 22) 5 pur shielded black cable 12 brown, white, blue, 5 x 0,34 mm 2 (awg 22) 5 pur shielded black, grey c 112 20c 013 ___ 0.6 m 006 1.0 m 010 2.0 m 020
22 male cable connector female cable connector cordset, unshielded male connector , straight / female connector , straight with anti-vibration coupling nut a-coded cordset, umshielded male connector, straight / female connector, right angled with anti-vibration coupling nut a-coded 3 contacts 4 contacts 5 contacts male cable connector female cable connector 3 contacts 4 contacts 5 contacts first mate ?last break first mate ?last break contacts cable order no. jacket length 0,6 m c112 20d013 006 10 pvc 1,0 m c112 20d013 010 10 2,0 m c112 20d013 020 10 3 0,6 m c112 20d043 006 10 pur 1,0 m c112 20d043 010 10 2,0 m c112 20d043 020 10 0,6 m c112 20d024 006 10 pvc 1,0 m c112 20d024 010 10 2,0 m c112 20d024 020 10 4 0,6 m c112 20d054 006 10 pur 1,0 m c112 20d054 010 10 2,0 m c112 20d054 020 10 0,6 m c112 20d035 006 10 pvc 1,0 m c112 20d035 010 10 2,0 m c112 20d035 020 10 5 0,6 m c112 20d065 006 10 pur 1,0 m c112 20d065 010 10 2,0 m c112 20d065 020 10 contacts cable order no. jacket length 0,6 m c112 20c013 006 10 pvc 1,0 m c112 20c013 010 10 2,0 m c112 20c013 020 10 3 0,6 m c112 20c043 006 10 pur 1,0 m c112 20c043 010 10 2,0 m c112 20c043 020 10 0,6 m c112 20c024 006 10 pvc 1,0 m c112 20c024 010 10 2,0 m c112 20c024 020 10 4 0,6 m c112 20c054 006 10 pur 1,0 m c112 20c054 010 10 2,0 m c112 20c054 020 10 0,6 m c112 20c035 006 10 pvc 1,0 m c112 20c035 010 10 2,0 m c112 20c035 020 10 5 0,6 m c112 20c065 006 10 pur 1,0 m c112 20c065 010 10 2,0 m c112 20c065 020 10 other cable lengths upon request. other cable lengths upon request.
23 cordset, shielded male connector, straight / female connector, straight with anti-vibration coupling nut a-coded cordset, shielded male connector, straight / female connector, right angled with anti-vibration coupling nut a-coded male cable connector female cable connector 3 contacts 4 contacts 5 contacts male cable connector female cable connector 3 contacts 4 contacts 5 contacts contacts cable order no. jacket length 0,6 m c112 21d073 006 10 pvc 1,0 m c112 21d073 010 10 2,0 m c112 21d073 020 10 3 0,6 m c112 21d103 006 10 pur 1,0 m c112 21d103 010 10 2,0 m c112 21d103 020 10 0,6 m c112 21d084 006 10 pvc 1,0 m c112 21d084 010 10 2,0 m c112 21d084 020 10 4 0,6 m c112 21d114 006 10 pur 1,0 m c112 21d114 010 10 2,0 m c112 21d114 020 10 0,6 m c112 21d095 006 10 pvc 1,0 m c112 21d095 010 10 2,0 m c112 21d095 020 10 5 0,6 m c112 21d125 006 10 pur 1,0 m c112 21d125 010 10 2,0 m c112 21d125 020 10 contacts cable order no. jacket length 0,6 m c112 21c073 006 10 pvc 1,0 m c112 21c073 010 10 2,0 m c112 21c073 020 10 3 0,6 m c112 21c103 006 10 pur 1,0 m c112 21c103 010 10 2,0 m c112 21c103 020 10 0,6 m c112 21c084 006 10 pvc 1,0 m c112 21c084 010 10 2,0 m c112 21c084 020 10 4 0,6 m c112 21c114 006 10 pur 1,0 m c112 21c114 010 10 2,0 m c112 21c114 020 10 0,6 m c112 21c095 006 10 pvc 1,0 m c112 21c095 010 10 2,0 m c112 21c095 020 10 5 0,6 m c112 21c125 006 10 pur 1,0 m c112 21c125 010 10 2,0 m c112 21c125 020 10 other cable lengths upon request. other cable lengths upon request. first mate ?last break first mate ?last break
24
25 male and female panel connectors c 112 series description m12 male and female panel connectors for front or rear mounting, assembled with wires. m12 male and female panel connectors with pcb-mount type. m12 male panel connectors installation version. male panel connector, front mounting assembled with wires ... page 27 female panel connector, front mounting assembled with wires ... page 27 male panel connector, rear mounting assembled with wires ... page 28 female panel connector, r ear mounting assembled with wires ... page 28 male panel connector installation version ... page 29 female panel connector, r ear mounting pcb-mount type ... page 29 male panel connector, r ear mounting pcb-mount type ... page 29
26 general characteristics standard standard version customer assembly number of contacts 3 / 4 / 5 / 8 3 / 4 electrical characteristics contact resistance iec 60 512-2, test 2 a 10 m ? (without cable) 10 m ? current carrying capacity iec 60 512-3, test 5 b 3+4+5-cont. 4 a at t u = 4 0? 4 a at t u = 4 0? iec 60 512-3, test 5 b 8-cont. 2 a at t u = 40? rated voltage iec 60 664-1 2) 3+ 4 cont. 250 v ac / dc 250 v ac / dc iec 60 664-1 2) 5 cont. 60 v ac / dc iec 60 664-1 2) 8-cont. 30 v ac/dc rated impulse voltage iec 60 664-1 2) 3+ 4 cont. 2,5 kv 2,5 kv unmated iec 60 664-1 2) 5 cont. 1,5 kv iec 60 664-1 2) 8-cont. 0,8 kv insulation resistance iec 60 512-2, test 3 a > 10 8 ? > 10 8 ? pollution degree iec 60 664-1 2) 3 1) 3 material group iec 60 664-1 2) iii te st voltage iec 60 664-1 2) 3 + 4 cont. 1,4 kv ac 5 cont. 1,0 kv ac climatic characteristics climatic category iec 60 068-1 25 / 85 / 21 30 / 100 / 56 t emperature range iec 60 512-6, test 1.1 25c - + 85c 30c - +100c ? 3f - + 185f 22f - +212f materials contact insert tpu pa contact plating au ag housing / mounting screw cuzn nickel plated pa o-ring viton nbr mechanical characteristics protection class iec 60 529 ip 65 and ip 67 ip 65 when properly mated when properly mated mechanical operation iec 60 512-5, test 9 a 100 mating cycles 50 mating cycles insertion force iec 60 512-7, test 13 b 25 n 25 n w ithdrawal force iec 60 512-7, test 13 b 30 n 30 n other technical characteristics t ype of termination crimp solder wi re size 0,34 mm 2 (awg 22) 0,14 - 0,5 mm 2 flammability ul 94 hb ul 94 v-0 locking screw coupling screw coupling 1 ) in mated position only 2 ) iec 60664-1 corresponds to din vde 0110 wire construction color code conductors insulation wi re 01 brown, blue, black 3 x 0,34 mm 2 (awg 22) pvc wi re 02 brown, white, blue, 4 x 0,34 mm 2 (awg 22) pvc black wi re 03 brown, white, blue, 5 x 0,34 mm 2 (awg 22) pvc black, grey wi re 04 brown, white, blue, grey, 8 x 0,25 mm 2 (awg 24) pvc green, yellow, red, pink
27 male panel connector, front mounting with pvc-isulated wire spanner width sw 17 a-coded female panel connector, front mounting with pvc-isulated wire spanner width sw 17 a-coded 3 contacts 4 contacts 5 contacts 8 contacts 3 contacts 4 contacts 5 contacts 8 contacts con- colors of mounting lead order no. tacts wire insulation thread length pg9 200 mm c112 30a013 002 10 brown-blue- 500 mm c112 30a013 005 10 3 black m 16 x 1,5 200 mm c112 30a013 002 30 500 mm c112 30a013 005 30 pg9 200 mm c112 30a024 002 10 brown-white- 500 mm c112 30a024 005 10 4 blue-black m 16 x 1,5 200 mm c112 30a024 002 30 500 mm c112 30a024 005 30 pg9 200 mm c112 30a035 002 10 brown-white- 500 mm c112 30a035 005 10 5 blue-black- m 16 x 1,5 200 mm c112 30a035 002 30 grey 500 mm c112 30a035 005 30 brown-white- pg9 200 mm c112 30a048 002 10 blue-grey- 500 mm c112 30a048 005 10 8 green-yellow- m 16 x 1,5 200 mm c112 30a048 002 30 r ed-pink 500 mm c112 30a048 005 30 other lead lengths and codings upon request. con- colors of mounting lead order no. tacts wire insulation thread length pg9 200 mm c112 30c013 002 10 brown-blue- 500 mm c112 30c013 005 10 3 black m 16 x 1,5 200 mm c112 30c013 002 30 500 mm c112 30c013 005 30 pg9 200 mm c112 30c024 002 10 brown-white- 500 mm c112 30c024 005 10 4 blue-black m 16 x 1,5 200 mm c112 30c024 002 30 500 mm c112 30c024 005 30 pg9 200 mm c112 30c035 002 10 brown-white- 500 mm c112 30c035 005 10 5 blue-black- m 16 x 1,5 200 mm c112 30c035 002 30 grey 500 mm c112 30c035 005 30 brown-white- pg9 200 mm c112 30c048 002 10 blue-grey- 500 mm c112 30c048 005 10 8 green-yellow- m 16 x 1,5 200 mm c112 30c048 002 30 r ed-pink 500 mm c112 30c048 005 30 other lead lengths and codings upon request.
28 male panel connector, r ear mounting with pvc-isulated wire spanner width sw 17 a-coded female panel connector, r ear mounting with pvc-isulated wire spanner width sw 17 a-coded 3 contacts 4 contacts 5 contacts 8 contacts 3 contacts 4 contacts 5 contacts 8 contacts con- colors of mounting lead order no. tacts wire insulation thread length pg9 200 mm c112 30b013 002 10 brown-blue- 500 mm c112 30b013 005 10 3 black m 16 x 1,5 200 mm c112 30b013 002 30 500 mm c112 30b013 005 30 pg9 200 mm c112 30b024 002 10 brown-white- 500 mm c112 30b024 005 10 4 blue-black m 16 x 1,5 200 mm c112 30b024 002 30 500 mm c112 30b024 005 30 pg9 200 mm c112 30b035 002 10 brown-white- 500 mm c112 30b035 005 10 5 blue-black- m 16 x 1,5 200 mm c112 30b035 002 30 grey 500 mm c112 30b035 005 30 brown-white- pg9 200 mm c112 30b048 002 10 blue-grey- 500 mm c112 30b048 005 10 8 green-yellow- m 16 x 1,5 200 mm c112 30b048 002 30 r ed-pink 500 mm c112 30b048 005 30 other lead lengths and codings upon request. con- colors of mounting lead order no. tacts wire insulation thread length pg9 200 mm c112 30d013 002 10 brown-blue- 500 mm c112 30d013 005 10 3 black m 16 x 1,5 200 mm c112 30d013 002 30 500 mm c112 30d013 005 30 pg9 200 mm c112 30d024 002 10 brown-white- 500 mm c112 30d024 005 10 4 blue-black m 16 x 1,5 200 mm c112 30d024 002 30 500 mm c112 30d024 005 30 pg9 200 mm c112 30d035 002 10 brown-white- 500 mm c112 30d035 005 10 5 blue-black- m 16 x 1,5 200 mm c112 30d035 002 30 grey 500 mm c112 30d035 005 30 brown-white- 200 mm c112 30d048 002 10 blue-grey- pg9 500 mm c112 30d048 005 10 8 green-yellow- m 16 x 1,5 200 mm c112 30d048 002 30 r ed-pink 500 mm c112 30d048 005 30 other lead lengths and codings upon request.
29 male panel connector, r ear mounting pcb-mount type contacts order no. 4 c112 30x004 000 xx 5 c112 30x005 000 xx female panel connector, r ear mounting pcb-mount type male panel connector, installation version contacts order no. 3+pe c112 31a003 000 10 4 c112 31a004 000 10 l1 l2 coding pg 9 a m16 b contacts order no. 4 c112 30x004 000 xx 5 c112 30x005 000 xx l1 l2 coding pg 9 a m16 b please indicate contact length coding, pg- or metric mounting thread to allow us to determine your connector type. please indicate contact length coding, pg- or metric mounting thread to allow us to determine your connector type.
30
31 distributors c 112 series description m12-y-distributor for twofold distribution. ready to use m12-distribution boxes with 4-, 6- and 8-way distribution. y -distributor ... page 33 distribution boxes ... page 34 4-, 6- and 8-way
32 general characteristics standard y-distributor distribution box contacts 3 / 4 / 5 5 electrical characteristics contact resistance iec 60 512-2, test 2 a 5 m ? (single contact) 5 m ? (single contact) 25 m ? (complete circuit) current carrying capacity iec 60 512-3, test 5 b 4 a / 40c 2 a / 40c rated voltage iec 60 664-1 2) 60 v a c/dc 30 v rated impulse voltage iec 60 664-1 2) 0,8 kv 0,8 kv insulation resistance iec 60 512-2, test 3 a > 10 8 ? > 10 8 ? pollution degree iec 60 664-1 2) 3 1) 2 material group iec 60 664-1 2) i te st voltage iec 60 664-1 2) 0,5 kv ac 0,5 kv ac climatic characteristics climatic category iec 60 068-1 25 / 85 / 21 t emperature range iec 60 512-6, test 11 i + j 25c - + 85c 20c - + 90c ?3f - + 18 5? 4? - +194? materials contact insert tpu pbt contact plating au au body tpu housing pbt knurled screw / knurled nut cuzn nickel plated o-ring viton mechanical characteristics protection class iec 60 529 ip 67 ip 67 when properly mated when properly mated mechanical operation iec 60 512-5, test 9 a 100 mating cycles 100 mating cycles insertion force iec 60 512-7, test 13 b 25 n 25 n w ithdrawal force iec 60 512-7, test 13 b 30 n 30 n other technical characteristics t ype of termination crimp (overmolded) solder wi re size 0,34 mm 2 (awg 22) flammability ul 94 hb ul 94 v-0 locking screw coupling screw coupling 1 ) in mated position only 2 ) iec 60664-1 corresponds to din vde 0110
33 y- distributor a-coded one entrence, two parallel exits. other connections upon request. contacts design order no. shielded m / fm - fm c112 41a004 000 10 fm / m - m c112 41b004 000 10 4 fm / m - fm c112 41e004 000 10 m / fm - m c112 41f004 000 10 m / fm - fm c112 41a005 000 10 fm / m - m c112 41b005 000 10 5 fm / m - fm c112 41e005 000 10 m / fm - m c112 41f005 000 10 contacts design order no. unshielded m / fm - fm c112 40a004 000 10 fm / m - m c112 40b004 000 10 4 fm / m - fm c112 40e004 000 10 m / fm - m c112 40f004 000 10 m / fm - fm c112 40a005 000 10 fm / m - m c112 40b005 000 10 5 fm / m - fm c112 40e005 000 10 m / fm - m c112 40f005 000 10 v ersion a: m / fm - fm v ersion b: fm / m - m v ersion e: fm / m - fm version f: m / fm - m m = male; fm = female m = male; fm = female
34 distribution boxes 4-, 6- and 8-way contacts distribution order no. 5 4-way c112 50u004 000 10 6-way c112 50u006 000 10 8-way c112 50u008 000 10
35 order no. page order no. page order no. page order number register c112 10a013...10 10 c112 10a024...10 10 c112 10a035...10 10 c112 10a043...10 10 c112 10a054...10 10 c112 10a065...10 10 c112 10b013...10 10 c112 10b024...10 10 c112 10b035...10 10 c112 10b043...10 10 c112 10b054...10 10 c112 10b065...10 10 c112 10c013...10 11 c112 10c024...10 11 c112 10c035...10 11 c112 10c043...10 11 c112 10c054...10 11 c112 10c065...10 11 c112 10d013...10 11 c112 10d024...10 11 c112 10d035...10 11 c112 10d043...10 11 c112 10d054...10 11 c112 10d065...10 11 c112 11a073...10 12 c112 11a084...10 12 c112 11a095...10 12 c112 11a103...10 12 c112 11a114...10 12 c112 11a125...10 12 c112 11b073...10 12 c112 11b084...10 12 c112 11b095...10 12 c112 11b103...10 12 c112 11b114...10 12 c112 11b125...10 12 c112 11c073...10 13 c112 11c084...10 13 c112 11c095...10 13 c112 11c103...10 13 c112 11c114...10 13 c112 11c125...10 13 c112 11d073...10 13 c112 11d084...10 13 c112 11d095...10 13 c112 11d103...10 13 c112 11d114...10 13 c112 11d125...10 13 c112 13a004 000 24 16 c112 13a005 000 24 16 c112 13b004 000 24 16 c112 13b005 000 24 16 c112 13c004 000 24 16 c112 13c005 000 24 16 c112 13d004 000 24 16 c112 13d005 000 24 16 c112 13d004 000 01 17 c112 13d004 000 02 17 c112 13d004 000 03 17 c112 13d004 000 04 17 c112 13d004 000 05 17 c112 13d004 000 06 17 c112 13d004 000 07 17 c112 13d004 000 08 17 c112 14a004 000 24 17 c112 14a005 000 24 17 c112 14c004 000 24 17 c112 14c005 000 24 17 c112 20c013...10 22 c112 20c024...10 22 c112 20c035...10 22 c112 20c043...10 22 c112 20c054...10 22 c112 20c065...10 22 c112 20d013...10 22 c112 20d024...10 22 c112 20d035...10 22 c112 20d043...10 22 c112 20d054...10 22 c112 20d065...10 22 c112 21c073...10 23 c112 21c084...10 23 c112 21c095...10 23 c112 21c103...10 23 c112 21c114...10 23 c112 21c125...10 23 c112 21d073...10 23 c112 21d084...10 23 c112 21d095...10 23 c112 21d103...10 23 c112 21d114...10 23 c112 21d125...10 23 c112 30a013...10 27 c112 30a024...10 27 c112 30a035...10 27 c112 30a048...10 27 c112 30a 013... 30 27 c112 30a 024... 30 27 c112 30a 035... 30 27 c112 30a 048... 30 27 c112 30b013...10 28 c112 30b024...10 28 c112 30b035...10 28 c112 30b048...10 28 c112 30b013... 30 28 c112 30b024... 30 28 c112 30b035... 30 28 c112 30b048... 30 28 c112 30c013...10 27 c112 30c024...10 27 c112 30c035...10 27 c112 30c048...10 27 c112 30c 013... 30 27 c112 30c 024... 30 27 c112 30c 035... 30 27 c112 30c 048... 30 27 c112 30d013...10 28 c112 30d024...10 28 c112 30d035...10 28 c112 30d048...10 28 c112 30d013... 30 28 c112 30d024... 30 28 c112 30d035... 30 28 c112 30d048... 30 28 c112 30x004 000 xx 29 c112 30x005 000 xx 29 c112 31a003 000 10 29 c112 31a004 000 10 29 c112 40a004 000 10 33 c112 40a005 000 10 33 c112 40b004 000 10 33 c112 40b005 000 10 33 c112 40e004 000 10 33 c112 40e005 000 10 33 c112 40f004 000 10 33 c112 40f005 000 10 33 c112 41a004 000 10 33 c112 41a005 000 10 33 c112 41b004 000 10 33 c112 41b005 000 10 33 c112 41e004 000 10 33 c112 41e005 000 10 33 c112 41f004 000 10 33 c112 41f005 000 10 33 c112 50u004 000 10 34 c112 50u006 000 10 34 c112 50u008 000 10 34
a te 3110 c 0605 3.000 (13267) printed on chlorin-free bleached paper, specifications may be changed without notice. copyright 03/05 by amphenol-tuchel electronics gmbh, germany y our engineering sales reprensentives: amphenol amphenol-tuchel electronics gmbh august-haeusser- str. 10 . d- 7 4080 heilbronn ?deutschland . phone +49 (0 )71 31/ 9 29-0 . fax +49 (0 )71 31/ 9 29- 486 ?www.amphenol.info general information we r eserve the right to chance the design due to imporvement in quality, development or production r equirments. this catalogue must not be used in any form or manner without our prior approval in writing (copyright law, fair trading law, civil code). international argentina amphenol argentina av . callao 930 2 nd floor office b ?laza c1 023 aap buenos aires phone +54 / 11 / 48 15 68 86 fax +54 / 11 / 48 14 57 79 australia amphenol australia ltd. 2 fiveways blvd keysborough v ictoria 31 73 phone +61 / 3 / 87 96 / 88 88 fax +61 / 3 / 87 96 / 88 01 belgium amphenol-tuchel belgium brusselbaan 524b b 1600 sint-pieters-leeuw phone +32 / 23 77 / 25 49 fax +32 / 23 77 / 53 03 brasilia amphenol do brasil ltda. rua diogo moreira 132, 20th floor cep 05423-010 sao paulo sp phone +55 / 11 / 38 15.10 03 fax +55 / 11 / 38 15.16 29 china amphenol-tuchel electronics gmbh china branch 210-1 taishan road changzhou 213 022 phone +86 / 05 19 / 5 11 03 01 fax +86 / 05 19 / 5 11 02 99 france amphenol-tuchel france b?t. le newton c 7 mail b. thimonnier 77185 lognes phone +33 / 164 62 76 76 fax +33 / 164 62 76 77 germany amphenol-tuchel electronics gmbh august-haeusser-str. 10 74980 heilbronn phone +49 / 71 31 / 9 29-0 fax +49 / 71 31 / 9 29-486 great britain amphenol-tuchel great britain 39 rowlands castle road horndean w aterlooville, hants p08 0df phone +44 / 23 92 / 57 17 91 fax +44 / 23 92 / 57 17 91 hong kong amphenol east asia limited units 2201-02, railway plaza 39 chatham road south t simshatsui, kowloon phone +8 52 / 26 99 / 26 63 fax +8 52 / 26 88 / 09 74 india amphetronix limited plot no. 105 bhosari industrial area pune - 411 026 phone +91 / 20 / 27 12 14 18 fax +91 / 20 / 2712 05 81 italy amphenol-tuchel italy via barbaiana n. 5 l-20020 lainate (mi) phone +39 / 2 / 93 25 41 fax +39 / 2 / 93 25 44 44 japan amphenol japan, k.k. 2-3-27, kudan minami chiyoda-ku t okyo 102 phone +81 / 3 / 32 63 / 56 11 fax +81 / 3 / 52 76 / 70 59 korea amphenol daeshin limited #802 joong-dong 1131-5 w onmi-ku bucheon-city kyunggi-do korea 420-020 phone +82 / 2 / 785 / 15 88 fax +82 / 2 / 589 / 15 14 mexico amphenol mexico prolongacion reforma 61 - 6 b2 col. paseo de las lomas c.p. 01330 mexico d.f. phone +52 / 55 / 52 58.99 84 fax +52 / 55 / 50 81.68 90 singapur amphenol east asia limited asia pacific sales operation singapore branch 300 beach road #25-07 the concourse singapore 199555 phone +27 / 11 / 305-95 74 fax +27 / 11 / 305-95 76 south africa amphenol international ltd chislehurston 30 impala road chislehurston sandton, 2146 phone +27 / 11 / 7839517 fax +27 / 11 / 7839519 spain amphenol-tuchel spain ctra sabadell a mollet, km 4,5 nave 5 08130 santa perpetue de mogoda (barcelona) phone +34 / 93 / 5 74 41 34 fax +34 / 93 / 5 74 10 09 sweden amphenol-tuchel scandinavia p .o. box 20 se 195 42 m?rsta phone +46 / 85 91 / 1 75 76 fax +46 / 85 91 / 1 75 76 ta i wan amphenol east asia ltd. t aiwan branch (h.k.) 116 zhong shan road lane 956 taoyuan city t aiwan r.o.c. 330 phone +886 / 3 / 370 / 78 55 fax +886 / 3 / 360 / 72 59 turk ey amphenol turkiye a yazaga mah. meydan sk. no. 28 beybi giz plaza, kat. 26 34396 maslak / istanbul phone +90 / 0212 / 3 35 25 01 fax +90 / 0212 / 3 35 25 00 usa amphenol-tuchel electronics representative office 6900 haggerty road suite 200 canton, michigan 48187 phone +1 / 800 / 380 80 52 phone +1 / 734 / 451 64 00 fax +1 / 734 / 451 71 97 amphenol corporation corporate headquarters 358 hall avenue w allingford, ct 06492 phone +1 / 2 03 / 2 65 / 89 00 fax +1 / 2 03 / 2 65 / 86 28


▲Up To Search▲   

 
Price & Availability of C11213D00400007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X